Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GTL2004 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce GTL2004
Description  Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2004 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button GTL2004 Datasheet HTML 2Page - NXP Semiconductors GTL2004 Datasheet HTML 3Page - NXP Semiconductors GTL2004 Datasheet HTML 4Page - NXP Semiconductors GTL2004 Datasheet HTML 5Page - NXP Semiconductors GTL2004 Datasheet HTML 6Page - NXP Semiconductors GTL2004 Datasheet HTML 7Page - NXP Semiconductors GTL2004 Datasheet HTML 8Page - NXP Semiconductors GTL2004 Datasheet HTML 9Page - NXP Semiconductors GTL2004 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Philips Semiconductors
Product specification
GTL2004
Quad GTL/GTL+ to LVTTL/TTL
bidirectional latched translator
1999 Jul 30
8
TSSOP16:
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1



Html Pages

1 2 3 4 5 6 7 8 9 10