| Moteur de recherche de fiches techniques de composants électroniques |
|
PVC-2LXT-LD5 Fiches technique(PDF) 2 Page - Mitsumi Electronics, Corp. |
|
|
|||||||||||||||||||||||||||||
PVC-2LXT-LD5 Fiches technique(HTML) 2 Page - Mitsumi Electronics, Corp. |
|
2 / 2 page ![]() MITSUMI Trackingless Type, For AM/FM 2-Band, AM Narrow-Band Nominal Variable Coefficient Capacitance Rotational Index % 100 90 82.8 75 70 60 50 42.6 30 25 17.5 10 (3) AM 82.0 73.8 66.8 58.9 53.5 42.4 31.8 24.5 14.3 10.9 6.44 2.71 0 C 140.0 118.2 101.3 84.0 73.2 53.2 36.7 26.6 14.3 10.6 6.01 2.44 0 A FM 20.00 17.24 — 13.46 12.30 10.08 8.02 — 4.30 3.45 — 1.05 0 B Variable Coefficient Curve Variable Capacitance (pF) DIMENSIONS Flats of shaft located as shown max. capacitance. Tolerance of shaft flat angle : Within ±2˚. Oscillator stage : AM (OSC), FM (FC1). Unit : mm, Tolerance : ±0.2 Flats of shaft located as shown max. capacitance. Tolerance of shaft flat angle : Within ±2˚. Oscillator stage : AM (OSC), FM (FC1). Unit : mm, Tolerance : ±0.2 PVC-2LXT-L5 PVC-2LXT-LD5 |