Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FT17P Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce FT17P
Description  2/3 inch dual aspect ratio image sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FT17P Fiches technique(HTML) 2 Page - NXP Semiconductors

  FT17P Datasheet HTML 1Page - NXP Semiconductors FT17P Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
• NTSC/EIA-compliant image sensor (FT17N)
• PAL-compliant image sensor (FT17P)
• Effective number of elements: 1000 horizontal x 594 vertical for both aspect ratios
• Dark reference:
− Per field: 4 lines for black clamping
− Per line: 22 pixels at the leftside and rightside of each line
• Handles 10,000 times overexposure without blooming
• No reflective bonding wires in the vicinity of the image section
• High sensitivity, high dynamic range, low noise
• Free from lag, burn-in, geometrical distortion and microphonics
• Regular or reversal horizontal scan output function (Mirror vision)
• Common optical center when switched from 4:3 to 16:9
• Simple and low-cost dual aspect ratio mode applications
Applications
• Surveillance and observation cameras. The switchable aspect ratio can be advantageous
for different viewing fields
• Upgrade for 2/3 inch camera tubes
Datasheet
Contact us for more information.



Html Pages

1 2