| Moteur de recherche de fiches techniques de composants électroniques |
|
CD3207 Fiches technique(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CD3207 Fiches technique(HTML) 5 Page - NXP Semiconductors |
|
5 / 14 page ![]() Philips Semiconductors Product specification FB2041 7-bit Futurebus+ transceiver 1995 May 25 5 FUNCTION TABLE MODE INPUTS OUTPUTS AIn Bn* OEB0 OEB1 OEB2 OEB3 OEA1 OEA2 OEA3 AOn Bn* L — H L L L L L L Z H** AIn to Bn H — H L L L L L L Z L L — H L L L H H H L H** H — H L L L H H H H L L — H L X X L L L Z H** AI0 to B0 H — H L X X L L L Z L L — H L X X H H H L H** H — H L X X H H H H L L — H X L X L L L Z H** AI1 – AI3 to B1 – B3 H — H X L X L L L Z L L — H X L X H H H L H** H — H X L X H H H H L L — H X X L L L L Z H** AI4 – AI6 to B4 – B6 H — H X X L L L L Z L L — H X X L H H H L H** H — H X X L H H H H L Disable Bn outputs X X L X X X X X X X H** X X X H H H X X X X H** Disable B0 outputs X X H H X X X X X X H** Disable B1 – B3 outputs X X H X H X X X X X H** Disable B4 – B6 outputs X X H X X H X X X X H** X L L X X X H H H H Input Bn to AOn X H L X X X H H H L Input X L X H H H H H H H Input X H X H H H H H H L Input X L L X X X H X X H Input B0 to AO0 X H L X X X H X X L Input X L X H H H H X X H Input X H X H H H H X X L Input X L L X X X X H X H Input B1 – B3 to AO1 – AO3 X H L X X X X H X L Input X L X H H H X H X H Input X H X H H H X H X L Input X L L X X X X X H H Input B4 – B6 to AO4 – AO6 X H L X X X X X H L Input X L X H H H X X H H Input X H X H H H X X H L Input Disable AOn outputs X X X X X X L L L Z X Disable AO0 outputs X X X X X X L X X Z X Disable AO1 – AO3 outputs X X X X X X X L X Z X Disable AO4 – AO6 outputs X X X X X X X X L Z X NOTES: H = High voltage level L = Low voltage level X = Don’t care Z = High-impedance (OFF) state — = Input not externally driven H** = Goes to level of pull-up voltage B* = Precaution should be taken to ensure B inputs do not float. If they do, they are equal to Low state. Z = High-impedance (OFF) state — = Input not externally driven H** = Goes to level of pull-up voltage B* = Precaution should be taken to ensure B inputs do not float. If they do, they are equal to Low state. |