| Moteur de recherche de fiches techniques de composants électroniques |
|
AS393 Fiches technique(PDF) 2 Page - BCD Semiconductor Manufacturing Limited |
|
|
|||||||||||||||||||||||||||||
AS393 Fiches technique(HTML) 2 Page - BCD Semiconductor Manufacturing Limited |
|
2 / 11 page ![]() LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS AS393/393A BCD Semiconductor Manufacturing Limited Data Sheet 2 Aug. 2006 Rev. 1.6 INPUT 2- 7 Figure 2. Pin Configuration of AS393/393A (Top View) Figure 3. Functional Block Diagram of AS393 /393A (Each comparator) Functional Block Diagram OUTPUT1 INPUT1- INPUT1+ GND OUTPUT 2 INPUT 2+ 2 3 4 6 5 SOIC-8/DIP-8/TSSOP-8 1 VCC 8 7 Pin Configuration +INPUT -INPUT Q5 Q6 Q1 Q2 Q3 Q4 Q7 Q8 OUTPUT V CC M /P/G Package Ordering Information Circuit Type Package E1: Lead Free Blank: Tin Lead AS393 TR: Tape and Reel Blank: Tube M: SOIC-8 P: DIP-8 - Blank: AS393 A: AS393A G: TSSOP-8 |