| Moteur de recherche de fiches techniques de composants électroniques |
|
ATAM894 Fiches technique(PDF) 63 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATAM894 Fiches technique(HTML) 63 Page - ATMEL Corporation |
|
63 / 97 page ![]() 63 4679D–4BMCU–05/05 ATAM894 Deactivating the SSI (SIR = 1) in mid-telegram will immediately stop the shift clock and latch the present contents of the shift register into the receive buffer. This can be used for clocking in a data telegram of less than 8 bits in length. Care should be taken to read out the final complete 8-bit data telegram of a multiple word message before deactivating the SSI (SIR = 1) and termi- nating the reception. After termination, the shift register contents will overwrite the receive buffer. Figure 6-40. Example of an 8-bit Synchronous Transmit Operation Figure 6-41. Example of an 8-bit Synchronous Receive Operation 76543 21 0 7 6 5 43 210 7 6 54 321 0 msb lsb tx data 1 tx data 2 tx data 3 msb lsb msb lsb Write STB (tx data 2) Write STB (tx data 3) Write STB (tx data 1) SC SD SIR SRDY Interrupt (IFN = 0) Interrupt (IFN = 1) ACT 43 2 1 0 7 65 4 3 2 1 0 msb lsb rx data 1 rx data 2 rx data 3 msb lsb msb lsb Read SRB (rx data 2) Read SRB (rx data 3) Read SRB (rx data 1) SC SD SIR SRDY Interrupt (IFN = 0) Interrupt (IFN = 1) ACT 76 5 4 32 1 0 7 6 5 7654 |