Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP3002I/P Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce MCP3002I/P
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002I/P Fiches technique(HTML) 25 Page - Microchip Technology

Back Button MCP3002I/P Datasheet HTML 21Page - Microchip Technology MCP3002I/P Datasheet HTML 22Page - Microchip Technology MCP3002I/P Datasheet HTML 23Page - Microchip Technology MCP3002I/P Datasheet HTML 24Page - Microchip Technology MCP3002I/P Datasheet HTML 25Page - Microchip Technology MCP3002I/P Datasheet HTML 26Page - Microchip Technology MCP3002I/P Datasheet HTML 27Page - Microchip Technology MCP3002I/P Datasheet HTML 28Page - Microchip Technology MCP3002I/P Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
 2000-2011 Microchip Technology Inc.
DS21294E-page 25
MCP3002
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34