| Moteur de recherche de fiches techniques de composants électroniques |
|
JS202000SCBNL Fiches technique(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
JS202000SCBNL Fiches technique(HTML) 3 Page - C&K Components |
|
3 / 15 page ![]() I–52 Dimensions are shown: mm Specifications and dimensions subject to change www.ckswitches.com 22 Sep 22 JS Series Sub-Miniature Slide Switches Part Number JS203011AQN DP3T Shown in position b b TRAVEL c a TYP PCB MOUNT - HOLE LAYOUT 58 67 14 23 C C CIRCUIT DIAGRAM C: COMMON PIN TERMINAL No. 1 TYP 8X 0,9 2,0 3,5 0,6 3,3 3,3±0,4 0,30 13,0 2,0 3,0 2,0 4,0 2,0 4,0 2,0 2,0 1,5±0,05 2,5 1,5±0,05 2,0 11,6 3,6 b TRAVEL c a TYP 3,6 PCB MOUNT - HOLE LAYOUT TERMINAL No. 1 TYP 8X 0,9 CIRCUIT DIAGRAM C: COMMON PIN C C 58 14 67 23 3,5 2,0 1,5±0,05 0,6 3,3 3,3±0,4 0,30 1,5±0,05 13,0 2,0 2,0 3,0 2,0 4,0 2,0 12,4 4,0 2,0 2,0 PC THRU-HOLE Part Number JS203011CQN DP3T Shown in position b RIGHT ANGLE, PC THRU-HOLE Shown in position c Shown in position c I |