| Moteur de recherche de fiches techniques de composants électroniques |
|
JS202011SCBNL Fiches technique(PDF) 7 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
JS202011SCBNL Fiches technique(HTML) 7 Page - C&K Components |
|
7 / 15 page ![]() I–56 Dimensions are shown: mm Specifications and dimensions subject to change www.ckswitches.com 22 Sep 22 13 3.6 2 4 2 10 3.3 0.3 TYP TRAVEL 2 0.2 TRAVEL 2 0.2 3 3.5 2 1.5±0.05 2X 0.8 2X 0.8 0 -0.1 5±0.2 5.5 10 2 4 2 8X 0.9 2X 0.9 +0.1 0 3.3 SWITCH FUNCTION POS.cPOS.b POS.a (MOM)ONON CONNECTED TERMINALS 1-3,5-7 2-3,6-7 3-4,7-8 CIRCUIT DIAGRAM C: COMMON PIN BOTTOM VIEW 1 2 5 6 3 4 7 8 C C C&K C&K C&K PC MOUNT - TOLERANCE .05 SHOWN IN POS.b 0.125 CHAMFER TERMINAL NO.1 JS Series Sub-Miniature Slide Switches Part Number JS207011CQNR DP3T Shown in position b 2.5 2.5 3.5 0.6 2.6 1.5±0.5 9 3.6 1.5±0.5 2 TRAVEL 1.35 2.5 1.6 TYP 2X 0.8 0.1 6.8 2.5 6.8 2 2X 0.9 TYP 3.5 6X 1 PCB LAYOUT RECOMMENDED CIRCUIT DIAGRAM C: COMMON PIN BOTTOM VIEW 1 2 3 C TERMINAL NO.1 a b 2 Part Number JS102011JAQN SPDT Shown in position Available in tape & reel only PC THRU-HOLE RIGHT ANGLE SURFACE MOUNT I |