Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS102011ABNL Fiches technique(PDF) 7 Page - C&K Components

No de pièce JS102011ABNL
Description  Sub-Miniature Slide Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS102011ABNL Fiches technique(HTML) 7 Page - C&K Components

Back Button JS102011ABNL Datasheet HTML 3Page - C&K Components JS102011ABNL Datasheet HTML 4Page - C&K Components JS102011ABNL Datasheet HTML 5Page - C&K Components JS102011ABNL Datasheet HTML 6Page - C&K Components JS102011ABNL Datasheet HTML 7Page - C&K Components JS102011ABNL Datasheet HTML 8Page - C&K Components JS102011ABNL Datasheet HTML 9Page - C&K Components JS102011ABNL Datasheet HTML 10Page - C&K Components JS102011ABNL Datasheet HTML 11Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
I–56
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
22 Sep 22
13
3.6
2
4
2
10
3.3
0.3 TYP
TRAVEL
2 0.2
TRAVEL
2 0.2
3
3.5
2
1.5±0.05
2X 0.8
2X
0.8 0
-0.1
5±0.2
5.5
10
2
4
2
8X
0.9
2X
0.9 +0.1
0
3.3
SWITCH FUNCTION
POS.cPOS.b
POS.a
(MOM)ONON
CONNECTED TERMINALS
1-3,5-7
2-3,6-7
3-4,7-8
CIRCUIT DIAGRAM
C: COMMON PIN
BOTTOM VIEW
1 2
5 6
3 4
7 8
C
C
C&K
C&K
C&K
PC MOUNT - TOLERANCE
.05
SHOWN IN POS.b
0.125
CHAMFER
TERMINAL NO.1
JS Series
Sub-Miniature Slide Switches
Part Number
JS207011CQNR
DP3T
Shown in position b
2.5
2.5
3.5
0.6
2.6
1.5±0.5
9
3.6
1.5±0.5
2 TRAVEL
1.35
2.5
1.6 TYP
2X
0.8 0.1
6.8
2.5
6.8
2
2X
0.9 TYP
3.5
6X 1
PCB LAYOUT RECOMMENDED
CIRCUIT DIAGRAM
C: COMMON PIN
BOTTOM VIEW
1
2
3
C
TERMINAL NO.1
a
b
2
Part Number
JS102011JAQN
SPDT
Shown in position
Available in tape & reel
only
PC THRU-HOLE
RIGHT ANGLE SURFACE MOUNT
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15