Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS102011SCQNL Fiches technique(PDF) 4 Page - C&K Components

No de pièce JS102011SCQNL
Description  Sub-Miniature Slide Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS102011SCQNL Fiches technique(HTML) 4 Page - C&K Components

  JS102011SCQNL Datasheet HTML 1Page - C&K Components JS102011SCQNL Datasheet HTML 2Page - C&K Components JS102011SCQNL Datasheet HTML 3Page - C&K Components JS102011SCQNL Datasheet HTML 4Page - C&K Components JS102011SCQNL Datasheet HTML 5Page - C&K Components JS102011SCQNL Datasheet HTML 6Page - C&K Components JS102011SCQNL Datasheet HTML 7Page - C&K Components JS102011SCQNL Datasheet HTML 8Page - C&K Components JS102011SCQNL Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
I
I–53
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
22 Sep 22
JS Series
Sub-Miniature Slide Switches
Part Number
JS202011CQN
DPDT
Shown in position a
b
TYP
PCB MOUNT - HOLE LAYOUT
46
5
13
2
C
C
CIRCUIT DIAGRAM
C: COMMON PIN
TERMINAL No. 1
TYP
TYP
6X 0,9
TYP
a
2 TRAVEL
9,0
TYP
2,5
3,5
8,5
2,0
1,5±0,05
0,6
1,0
6,5
0,35
3,3
2,5
3,3±0,4
0,30
1,5±0,05
3,6
SURFACE MOUNT
PC THRU-HOLE
PCB MOUNT - TOLERANCE ±.002(0,05)
1
4
3
6
2
5
C
C
CIRCUIT DIAGRAM
C: COMMON PIN
TERMINAL No. 1
TRAVEL
2,0
b
9,0
0,6
TYP
TYP
2,5
1,5±0,05
3,5
2,0
8,5
1,5±0,05
3,0
7,5
0,3
TYP
3,0
1,2
TYP
8,0
2,5
TYP
C&K
a
3,6
13
2
4
2
3,6
2
TRAVEL
2
1,5 ± 0,05
1,5 ± 0,05
2
3,5
0,3
7,5
3
2
4
2
3
8
TYP
1,2
a
b
c
56
C
8
CIRCUIT DIAGRAM
C: COMMON PIN
12
4
PC MOUNT - TOLERANCE
±.002 [0,05]
7
3
TERMINAL NO. 1
Part number
JS202011SCQN
DPDT
Shown in position b. Quantity per reel 1000
Available in tape & reel only
Part number
JS203011SCQN
DP3T
Quantity per reel 900
Available in tape & reel only
Shown in position b
Shown in position b
Shown in position a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15