Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SY100S366 Fiches technique(PDF) 2 Page - Micrel Semiconductor

No de pièce SY100S366
Description  9-BIT COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S366 Fiches technique(HTML) 2 Page - Micrel Semiconductor

  SY100S366 Datasheet HTML 1Page - Micrel Semiconductor SY100S366 Datasheet HTML 2Page - Micrel Semiconductor SY100S366 Datasheet HTML 3Page - Micrel Semiconductor SY100S366 Datasheet HTML 4Page - Micrel Semiconductor SY100S366 Datasheet HTML 5Page - Micrel Semiconductor SY100S366 Datasheet HTML 6Page - Micrel Semiconductor SY100S366 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SY100S366
Micrel, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
28-Pin PLCC (J28-1)
24-Pin Cerpack (F24-1)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100S366FC
F24-1
Commercial
SY100S366FC
Sn-Pb
SY100S366FCTR(1)
F24-1
Commercial
SY100S366FC
Sn-Pb
SY100S366JC
J28-1
Commercial
SY100S366JC
Sn-Pb
SY100S366JCTR(1)
J28-1
Commercial
SY100S366JC
Sn-Pb
SY100S366JZ(2)
J28-1
Commercial
SY100S366JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100S366JZTR(1, 2)
J28-1
Commercial
SY100S366JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Tape and Reel.
2. Pb-Free package is recommended for new designs.
A6
A5
A4
A3
A1
A2
B5
B3
B1
B4
B0
B2
18
17
16
15
14
13
1
2
3
4
5
6
7
24
8
23
9
22
10
21
11
20
12
19
Top View
Flatpack
F24-1
A0
A > B
VCCA
VCC
A = B
VCC
A7
VEE
B8
A8
B7
VEES
4
3
2
1
28
27
12
13
14
15
16
17
19
11
20
10
21
9
22
8
23
7
24
6
Top View
PLCC
J28-1
B > A
B6
26
18
25
5



Html Pages

1 2 3 4 5 6 7