Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SY100S341 Fiches technique(PDF) 2 Page - Micrel Semiconductor

No de pièce SY100S341
Description  8-BIT SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S341 Fiches technique(HTML) 2 Page - Micrel Semiconductor

  SY100S341_06 Datasheet HTML 1Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 2Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 3Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 4Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 5Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 6Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 7Page - Micrel Semiconductor SY100S341_06 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY100S341
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100S341FC
F24-1
Commercial
SY100S341FC
Sn-Pb
SY100S341FCTR(1)
F24-1
Commercial
SY100S341FC
Sn-Pb
SY100S341JC
J28-1
Commercial
SY100S341JC
Sn-Pb
SY100S341JCTR(1)
J28-1
Commercial
SY100S341JC
Sn-Pb
SY100S341JZ(2)
J28-1
Commercial
SY100S341JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100S341JZTR(1, 2)
J28-1
Commercial
SY100S341JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Tape and Reel.
2. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
24-Pin Cerpack (F24-1)
P5
P6
P7
D7
Q8
Q7
P2
P0
Q0
P1
Q1
D0
18
17
16
15
14
13
1
2
3
4
5
6
7
24
8
23
9
22
10
21
11
20
12
19
Top View
Flatpack
F24-1
Q5
Q4
VCCA
VCC
Q3
VCC
P4
VEE
S0
CP
S1
VEES
4
3
2
1
28
27
12
13
14
15
16
17
19
11
20
10
21
9
22
8
23
7
24
6
Top View
PLCC
J28-1
Q2
P3
26
18
25
5



Html Pages

1 2 3 4 5 6 7 8