| Moteur de recherche de fiches techniques de composants électroniques |
|
SY100S336 Fiches technique(PDF) 2 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
SY100S336 Fiches technique(HTML) 2 Page - Micrel Semiconductor |
|
2 / 10 page ![]() 2 SY100S336 Micrel, Inc. M9999-032206 hbwhelp@micrel.com or (408) 955-1690 PACKAGE/ORDERING INFORMATION Ordering Information Package Operating Package Lead Part Number Type Range Marking Finish SY100S336FC F24-1 Commercial SY100S336FC Sn-Pb SY100S336FCTR(1) F24-1 Commercial SY100S336FC Sn-Pb SY100S336JC J28-1 Commercial SY100S336JC Sn-Pb SY100S336JCTR(1) J28-1 Commercial SY100S336JC Sn-Pb SY100S336JZ(2) J28-1 Commercial SY100S336JZ with Matte-Sn Pb-Free bar-line indicator SY100S336JZTR(1, 2) J28-1 Commercial SY100S336JZ with Matte-Sn Pb-Free bar-line indicator Notes: 1. Tape and Reel. 2. Pb-Free package is recommended for new designs. 28-Pin PLCC (J28-1) 24-Pin Cerpack (F24-1) Q2 Q2 VCCA VCC Q1 VCC P0 VEE MR CP S0 VEES 4 3 2 1 28 27 12 13 14 15 16 17 19 11 20 10 21 9 22 8 23 7 24 6 Top View PLCC J28-1 Q1 S1 26 18 25 5 P1 P2 P3 D3 Q3 Q3 S2 D0/CET Q0 CEP Q0 TC 18 17 16 15 14 13 1 2 3 4 5 6 7 24 8 23 9 22 10 21 11 20 12 19 Top View Flatpack F24-1 |