Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AAT3131 Fiches technique(PDF) 13 Page - Advanced Analog Technology, Inc.

No de pièce AAT3131
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAT [Advanced Analog Technology, Inc.]
Site Internet  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3131 Fiches technique(HTML) 13 Page - Advanced Analog Technology, Inc.

Back Button AAT3131 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 14Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Figure 2: AAT3131 Driving Two Groups of Paralleled White LEDs
(e.g., main LCD and sub-LCD backlights).
C
IN
1
µF
V
BATTERY
C
OUT
1
µF
EN/SET
C1
1
µF
C2
1
µF
VIN
VOUT
C1+
C1-
C2+
C2-
D1
D2
D3
D4
EN/SET
GND
AAT3131
D2
D3
D4
D1
RB*RB*RB*RB*
D5
D6
RB*RB*
*In some applications, white LED forward voltages (VF) can vary significantly. Ballast resistors between the LED cathodes and ground are recommended
for balancing the forward voltage differences. The ballast resistor value may be approximated by the following equation:
RB =
VSOURCE - VF
IF
AAT3131
High Efficiency 1X/1.5X Fractional
Charge Pump for White LED Applications
3131.2005.12.1.2
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14