Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD7577 Fiches technique(PDF) 14 Page - Leadtrend Technology

No de pièce LD7577
Description  High Voltage Green-Mode PWM Controller with Brown-Out Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEADTREND [Leadtrend Technology]
Site Internet  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7577 Fiches technique(HTML) 14 Page - Leadtrend Technology

Back Button LD7577 Datasheet HTML 10Page - Leadtrend Technology LD7577 Datasheet HTML 11Page - Leadtrend Technology LD7577 Datasheet HTML 12Page - Leadtrend Technology LD7577 Datasheet HTML 13Page - Leadtrend Technology LD7577 Datasheet HTML 14Page - Leadtrend Technology LD7577 Datasheet HTML 15Page - Leadtrend Technology LD7577 Datasheet HTML 16Page - Leadtrend Technology LD7577 Datasheet HTML 17Page - Leadtrend Technology LD7577 Datasheet HTML 18Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LD7577
14
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7577-DS-01 January 2009
Fig. 22
dt
dV
Cgd
i
bulk
⋅
=
Fig. 23
Protection Resistor on the Hi-V Path
In some other Hi-V processes and designs, there is
probably some parasitic SCR caused around HV pin, VCC
and GND.
As shown in figure 24, a small negative spike in
the HV pin may trigger this parasitic SCR and cause the
latchup between VCC and GND. Such latchup will damage
the chip easily because of the equivalent short-circuit
induced.
The LD7577 has eliminated the parasitic SCR efficiently.
Figure 25 shows the equivalent circuit of the LD7577’s Hi-V
structure.
It tells the LD7577 is capable to sustain negative
voltage and superior than similar products. Even though, a
40K
Ω resistor is still recommended to be placed on the Hi-V
path
Fig. 24
Fig. 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18