Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BL706 Fiches technique(PDF) 39 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

No de pièce BL706
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Site Internet  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL706 Fiches technique(HTML) 39 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL706 Datasheet HTML 35Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 36Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 37Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 38Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 39Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 40Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 41Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 42Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 43Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
BL702/704/706 Datasheet
Table 9.1: QFN32 Size Description(Units Of Measure=Millimeter)
SYMBOL
MIN
NOM
MAX
A2
0.50
0.55
0.60
A3
0.20REF
b
0.15
0.20
0.25
D
3.90
4.00
4.10
E
3.90
4.00
4.10
D2
2.80
2.90
3.00
E2
2.80
2.90
3.00
e
0.30
0.40
0.50
H
0.30REF
K
0.25REF
L
0.25
0.30
0.35
R
0.09
-
-
c1
-
0.10
-
c2
-
0.10
-
BL702/704/706 Datasheet
39/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47