Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

732B/C Fiches technique(PDF) 3 Page - Fluke Corporation

No de pièce 732B/C
Description  DC Reference Standard
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FLUKE [Fluke Corporation]
Site Internet  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

732B/C Fiches technique(HTML) 3 Page - Fluke Corporation

  732B/C Datasheet HTML 1Page - Fluke Corporation 732B/C Datasheet HTML 2Page - Fluke Corporation 732B/C Datasheet HTML 3Page - Fluke Corporation 732B/C Datasheet HTML 4Page - Fluke Corporation 732B/C Datasheet HTML 5Page - Fluke Corporation 732B/C Datasheet HTML 6Page - Fluke Corporation 732B/C Datasheet HTML 7Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 Fluke Calibration
734A DC Reference Standard
Why should you prefer the 734A?
•
Independence. The 734A is the only standard
of its type offering complete mechanical and
electrical independence of each of its four
standards.
•
Portability. Each 732B Standard is designed
for portability. Each is small, light, rugged and
has a long operating battery life.
•
Confidence. The 732B is based on the proven
technology of the Fluke Calibration 732A.
The 732A was the first standards lab quality
electronic reference to gain wide acceptance
as a replacement for saturated standard cells.
Originally designed for internal transfers of
Fluke’s corporate volt to the production floor,
thousands are now in service worldwide in a
variety of applications—from maintaining an
institutional reference to transferring values
from national labs or privately-operated 10 V
Josephson Arrays.
The 732B’s reference amplifier and resistors
are identical to those used in the 732A. But the
package is now half the weight, 75 % smaller,
more rugged and offers greatly extended battery
life. The rack-width enclosure provides a con-
venient way to store cells in your lab. And the
internal battery is now a common, off-the-shelf
model that can be purchased from a wide range
of electronic components suppliers, simplifying
your support. Or you can use your own battery,
connecting it to the 12 V to 15 V dc input on
each 732B.
The advantages to maintaining your
reference at 10 V
The primary benefits of maintaining your voltage
reference at 10 V rather than 1.018 V center on
efficiency and ease-of-use. At 10 V, you can
intercompare standards directly with a digital
voltmeter. The effects of noise and thermal EMFs
are diminished by a factor of 10 compared to
standard cells. And with 10 V Josephson Arrays
becoming more common, working at the 10 V
level further simplifies the process of estab-
lishing traceability. Finally, most modern dc
instrumentation today requires a 10 V standard
for calibration. When you ratio up to 10 V from
1.018 V, you lose considerable performance.
The 734A Reference and 732B Standards are a practical way to maintain and disseminate your volt and to support artifact calibration of instruments like the
5700A and 5720A Calibrators.



Html Pages

1 2 3 4 5 6 7