| Moteur de recherche de fiches techniques de composants électroniques |
|
SA310KR Fiches technique(PDF) 1 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
SA310KR Fiches technique(HTML) 1 Page - Cirrus Logic |
|
1 / 10 page ![]() www.apexanalog.com Subject to Change © Apex Microtechnology Inc. All rights reserved May 2020 EK76U Rev A Evaluation Kit EK76 APPLICABLE PARTS (SOLD SEPARATELY) • SA310KR INTRODUCTION This kit contains everything needed for rapid prototyping with the SA310KR 3-phase driver. With a multi- tude of circuit options, the EK76 offers versatility when in comes to connecting inputs, measuring outputs, and conditioning signals to the specific application environment. High- and low- input signals for each phase may be supplied from any 3 V to 18 V digital controller via standard pin header or SMA connectors. A remov- able 50 Ω termination resistor is offered for impedance-matched inputs. Coaxial measurement points are offered for high-fidelity waveform measurement, so erroneous overshoot/ringing are cut down to a mini- mum. The layout is carefully optimized for signal and power transmission, while permitting easy integration with system controllers and 3-phase loads. ABSOLUTE MAXIMUM RATINGS All specifications listed in the SA310 datasheet apply to this board, except as noted below. This board uses components that limit SA310's full operating range in exchange for convenience to the customer. Parameter Symbol Max Units Limited By Output Current, continuous, within SOA IOUT 20 A DUT-socket Power Dissipation, SA310 PD 60 W DUT-HS |
Numéro de pièce similaire - SA310KR |
|
Description similaire - SA310KR |