| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430F135IPM Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F135IPM Fiches technique(HTML) 3 Page - Texas Instruments |
|
3 / 83 page ![]() Oscillator ACLK SMCLK CPU Incl. 16 Reg. Bus Conv MCB XIN XOUT P3 P4 P2 XT2IN XT2OUT TMS TCK MDB, 16 Bit MAB, 16 Bit MCLK 4 TDI/TCLK TDO/TDI P5 P6 MAB, 4 Bit DVCC DVSS AVCC AVSS RST/NMI System Clock ROSC P1 Hardware Multiplier MPY, MPYS MAC, MACS 60KB Flash 48KB Flash 32KB Flash 2KB RAM 2KB RAM 1KB RAM Watchdog Timer 15/16-Bit Timer_B7 7 CC Reg Shadow Reg Timer_A3 3 CC Reg Test JTAG I/O Port 1/2 16 I/Os, with Interrupt Capability I/O Port 3/4 16 I/Os POR Comparator A USART0 UART Mode SPI Mode USART1 UART Mode SPI Mode I/O Port 5/6 16 I/Os MDB, 8 Bit MDB, 16-Bit MAB, 16-Bit 8 8 8 8 8 8 Oscillator ACLK SMCLK CPU Incl. 16 Reg. Bus Conv MCB XIN XOUT P3 P4 P2 XT2IN XT2OUT TMS TCK MDB, 16 Bit MAB, 16 Bit MCLK 4 TDI/TCLK TDO/TDI P5 P6 MAB, 4 Bit DVCC DVSS AVCC AVSS RST/NMI System Clock ROSC P1 Hardware Multiplier MPY, MPYS MAC, MACS 60KB Flash 48KB Flash 32KB Flash 2KB RAM 2KB RAM 1KB RAM ADC12 12-Bit 8 Channels <10µs Conv. Watchdog Timer 15/16-Bit Timer_B7 7 CC Reg Shadow Reg Timer_A3 3 CC Reg Test JTAG I/O Port 1/2 16 I/Os, with Interrupt Capability I/O Port 3/4 16 I/Os POR Comparator A USART0 UART Mode SPI Mode USART1 UART Mode SPI Mode I/O Port 5/6 16 I/Os MDB, 8 Bit MDB, 16-Bit MAB, 16-Bit 8 8 8 8 8 8 3 MSP430F149, MSP430F148, MSP430F147 MSP430F1491, MSP430F1481, MSP430F1471 MSP430F135, MSP430F133 www.ti.com SLAS272H – JULY 2000 – REVISED MAY 2018 Submit Documentation Feedback Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471 MSP430F135 MSP430F133 Device Overview Copyright © 2000–2018, Texas Instruments Incorporated Figure 1-2 shows the functional block diagram for the MSP430F14x MCUs. Figure 1-2. Functional Block Diagram, MSP430F14x Figure 1-3 shows the functional block diagram for the MSP430F14x1 MCUs. Figure 1-3. Functional Block Diagram, MSP430F14x1 |