Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATA6830 Fiches technique(PDF) 14 Page - ATMEL Corporation

No de pièce ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Fiches technique(HTML) 14 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 10Page - ATMEL Corporation ATA6830 Datasheet HTML 11Page - ATMEL Corporation ATA6830 Datasheet HTML 12Page - ATMEL Corporation ATA6830 Datasheet HTML 13Page - ATMEL Corporation ATA6830 Datasheet HTML 14Page - ATMEL Corporation ATA6830 Datasheet HTML 15Page - ATMEL Corporation ATA6830 Datasheet HTML 16Page - ATMEL Corporation ATA6830 Datasheet HTML 17Page - ATMEL Corporation ATA6830 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
4575D–BCD–09/05
ATA6830
3.10
Bridge Current Control
The bridge current is controlled by a chopper current control, shown in Figure 3-11. The current
is turned on every 40 µs (25 kHz chopper frequency). The current flow in the H-bridge is shown
in Figure 3-12a. After a blanking time of 2.5 µs to suppress turn-on peaks the current is mea-
sured via the shunt voltage. As soon as the current has reached its nominal value it is turned off
again. The current flow in this state is shown in Figure 3-12b.
Figure 3-11. Chopper Current Control
Figure 3-12. Current Flow in Halfbridge
coil current
turn on signal
flyback
comparator
shunt resistor
voltage
Imax
blanking time
ON
OFF
ON
OFF
ON
OFF
OFF
ON
a)
b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24