| Moteur de recherche de fiches techniques de composants électroniques |
|
LCP-155B4JDRA Fiches technique(PDF) 9 Page - Delta Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
LCP-155B4JDRA Fiches technique(HTML) 9 Page - Delta Electronics, Inc. |
|
9 / 13 page ![]() DELTA ELECTRONICS, INC. 9 Nov., 2006 Rev. 0B www.deltaww.com Enhanced Digital Diagnostic Interface The memory map in the following describes an extension to the memory map defined in SFP MSA. The enhanced interface uses the two wire serial bus address 1010001X (A2h) to provide diagnostic information about the module’s present operating conditions. 2 wire address 1010000 X (A0h) 2 wire address 1010001 X (A2h) 0 0 55 Alarm and Warning Thresholds (56 bytes) 95 Serial ID Defined by SFP MSA (96 bytes) 56 95 Cal Constants (40 bytes) 96 96 119 Real Time Diagnostic Interface (24 bytes) 127 Vender Specific (32 bytes) 120 127 Vender Specific 128 128 247 User Writable EEPROM (120 bytes) 255 Reserved in SFP MSA (128 bytes) 248 255 Vender Specific (8 bytes) Digital Diagnostic Memory Map Specific Data Field Descriptions |