Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SY10E337 Fiches technique(PDF) 2 Page - Micrel Semiconductor

No de pièce SY10E337
Description  3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E337 Fiches technique(HTML) 2 Page - Micrel Semiconductor

  SY10E337 Datasheet HTML 1Page - Micrel Semiconductor SY10E337 Datasheet HTML 2Page - Micrel Semiconductor SY10E337 Datasheet HTML 3Page - Micrel Semiconductor SY10E337 Datasheet HTML 4Page - Micrel Semiconductor SY10E337 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY10E337
SY100E337
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10E337JC
J28-1
Commercial
SY10E337JC
Sn-Pb
SY10E337JCTR(2)
J28-1
Commercial
SY10E337JC
Sn-Pb
SY100E337JC
J28-1
Commercial
SY100E337JC
Sn-Pb
SY100E337JCTR(2)
J28-1
Commercial
SY100E337JC
Sn-Pb
SY10E337JZ(3)
J28-1
Commercial
SY10E337JZ with
Matte-Sn
Pb-Free bar-line indicator
SY10E337JZTR(2, 3)
J28-1
Commercial
SY10E337JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E337JZ(3)
J28-1
Commercial
SY100E337JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E337JZTR(2, 3)
J28-1
Commercial
SY100E337JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
TOP VIEW
PLCC
J28-1
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
5
6
7
8
9
10 11
VCC
GND
BUS0
GND
Q1
BUS1
VCCO
VEE
A1
TEN
CLK
REN
SCAN
S-IN



Html Pages

1 2 3 4 5