Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SY10E212JC Fiches technique(PDF) 2 Page - Micrel Semiconductor

No de pièce SY10E212JC
Description  3-BIT SCANNABLE REGISTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E212JC Fiches technique(HTML) 2 Page - Micrel Semiconductor

  SY10E212JC Datasheet HTML 1Page - Micrel Semiconductor SY10E212JC Datasheet HTML 2Page - Micrel Semiconductor SY10E212JC Datasheet HTML 3Page - Micrel Semiconductor SY10E212JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E212
SY100E212
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10E212JC
J28-1
Commercial
SY10E212JC
Sn-Pb
SY10E212JCTR(2)
J28-1
Commercial
SY10E212JC
Sn-Pb
SY100E212JC
J28-1
Commercial
SY100E212JC
Sn-Pb
SY100E212JCTR(2)
J28-1
Commercial
SY100E212JC
Sn-Pb
SY10E212JZ(3)
J28-1
Commercial
SY10E212JZ with
Matte-Sn
Pb-Free bar-line indicator
SY10E212JZTR(2, 3)
J28-1
Commercial
SY10E212JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E212JZ(3)
J28-1
Commercial
SY100E212JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E212JZTR(2, 3)
J28-1
Commercial
SY100E212JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
18
17
16
15
14
13
12
56
7
8
9
10 11
26
27
28
1
2
3
4
TOP VIEW
PLCC
J28-1
25 24 23 22 21 20 19
CLK
D2
VEE
D1
D0
S-IN
LOAD
Q2b
Q2a
VCC
Q1b
Q1a
Q1b
Q1a



Html Pages

1 2 3 4