Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP147 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce TIP147
Description  Darlington Complementary Silicon Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP147 Fiches technique(HTML) 2 Page - ON Semiconductor

  TIP147 Datasheet HTML 1Page - ON Semiconductor TIP147 Datasheet HTML 2Page - ON Semiconductor TIP147 Datasheet HTML 3Page - ON Semiconductor TIP147 Datasheet HTML 4Page - ON Semiconductor TIP147 Datasheet HTML 5Page - ON Semiconductor TIP147 Datasheet HTML 6Page - ON Semiconductor TIP147 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TIP140, TIP141, TIP142, (NPN); TIP145, TIP146, TIP147, (PNP)
http://onsemi.com
2
DARLINGTON SCHEMATICS
BASE
EMITTER
COLLECTOR
≈ 8.0 k
≈ 40
BASE
EMITTER
COLLECTOR
≈ 8.0 k
≈ 40
NPN
TIP140
TIP141
TIP142
PNP
TIP145
TIP146
TIP147
ORDERING INFORMATION
Device
Package
Shipping
TIP140
SOT−93 (TO−218)
30 Units / Rail
TIP140G
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP141
SOT−93 (TO−218)
30 Units / Rail
TIP141G
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP142
SOT−93 (TO−218)
30 Units / Rail
TIP142G
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP145
SOT−93 (TO−218)
30 Units / Rail
TIP145G
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP146
SOT−93 (TO−218)
30 Units / Rail
TIP146G
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP147
SOT−93 (TO−218)
30 Units / Rail
TIP147G
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail



Html Pages

1 2 3 4 5 6 7