| Moteur de recherche de fiches techniques de composants électroniques |
|
TL431CD Fiches technique(PDF) 17 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
TL431CD Fiches technique(HTML) 17 Page - ON Semiconductor |
|
17 / 19 page ![]() TL431, A, B Series, NCV431A, B http://onsemi.com 17 PACKAGE DIMENSIONS TO−92 (TO−226) LP SUFFIX PLASTIC PACKAGE CASE 29−11 ISSUE AL NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. R A P J L B K G H SECTION X−X C V D N N XX SEATING PLANE DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.175 0.205 4.45 5.20 B 0.170 0.210 4.32 5.33 C 0.125 0.165 3.18 4.19 D 0.016 0.021 0.407 0.533 G 0.045 0.055 1.15 1.39 H 0.095 0.105 2.42 2.66 J 0.015 0.020 0.39 0.50 K 0.500 −−− 12.70 −−− L 0.250 −−− 6.35 −−− N 0.080 0.105 2.04 2.66 P −−− 0.100 −−− 2.54 R 0.115 −−− 2.93 −−− V 0.135 −−− 3.43 −−− 1 PDIP−8 P SUFFIX PLASTIC PACKAGE CASE 626−05 ISSUE L NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 14 5 8 F NOTE 2 −A− −B− −T− SEATING PLANE H J G D K N C L M M A M 0.13 (0.005) B M T DIM MIN MAX MIN MAX INCHES MILLIMETERS A 9.40 10.16 0.370 0.400 B 6.10 6.60 0.240 0.260 C 3.94 4.45 0.155 0.175 D 0.38 0.51 0.015 0.020 F 1.02 1.78 0.040 0.070 G 2.54 BSC 0.100 BSC H 0.76 1.27 0.030 0.050 J 0.20 0.30 0.008 0.012 K 2.92 3.43 0.115 0.135 L 7.62 BSC 0.300 BSC M −−− 10 −−− 10 N 0.76 1.01 0.030 0.040 __ |