| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP141 Fiches technique(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP141 Fiches technique(HTML) 2 Page - ON Semiconductor |
|
2 / 7 page ![]() TIP140, TIP141, TIP142, (NPN); TIP145, TIP146, TIP147, (PNP) http://onsemi.com 2 DARLINGTON SCHEMATICS BASE EMITTER COLLECTOR ≈ 8.0 k ≈ 40 BASE EMITTER COLLECTOR ≈ 8.0 k ≈ 40 NPN TIP140 TIP141 TIP142 PNP TIP145 TIP146 TIP147 ORDERING INFORMATION Device Package Shipping TIP140 SOT−93 (TO−218) 30 Units / Rail TIP140G SOT−93 (TO−218) (Pb−Free) 30 Units / Rail TIP141 SOT−93 (TO−218) 30 Units / Rail TIP141G SOT−93 (TO−218) (Pb−Free) 30 Units / Rail TIP142 SOT−93 (TO−218) 30 Units / Rail TIP142G SOT−93 (TO−218) (Pb−Free) 30 Units / Rail TIP145 SOT−93 (TO−218) 30 Units / Rail TIP145G SOT−93 (TO−218) (Pb−Free) 30 Units / Rail TIP146 SOT−93 (TO−218) 30 Units / Rail TIP146G SOT−93 (TO−218) (Pb−Free) 30 Units / Rail TIP147 SOT−93 (TO−218) 30 Units / Rail TIP147G SOT−93 (TO−218) (Pb−Free) 30 Units / Rail |