| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C5132-ROTIL Fiches technique(PDF) 84 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5132-ROTIL Fiches technique(HTML) 84 Page - ATMEL Corporation |
|
84 / 181 page ![]() 84 4173D–USB–02/06 AT89C5132 Figure 16-1. Sequential Read Operation Figure 16-2. (Multiple) Block Read Operation As shown in Figure 16-3 and Figure 16-4 the data write operation uses a simple busy signalling of the write operation duration on the data line (MDAT). Figure 16-3. Sequential Write Operation Figure 16-4. (Multiple) Block Write Operation Figure 16-5. No Response and No Data Operation Data Stream Command Response MCMD MDAT Data Stop Operation Data Transfer Operation Command Response Stop Command Data Block MCMD MDAT Data Stop Operation Block Read Operation CRC Multiple Block Read Operation Command Response Command Response Data Block CRC Data Block CRC Stop Command Data Stream MCMD MDAT Data Stop Operation Data Transfer Operation Command Response Command Response Stop Command Busy MCMD MDAT Data Stop Operation Block Write Operation Multiple Block Write Operation Busy Data Block CRC Data Block CRC Command Response Command Response Stop Command Status Busy Status Command MCMD MDAT No Data Operation No Response Operation Command Response |