| Moteur de recherche de fiches techniques de composants électroniques |
|
AT80C51RB2-SLSCM Fiches technique(PDF) 49 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80C51RB2-SLSCM Fiches technique(HTML) 49 Page - ATMEL Corporation |
|
49 / 83 page ![]() 50 AT80C51RD2/AT83C51Rx2 4113B–8051–03/05 Table 35. IPH0 Register IPH0 - Interrupt Priority High Register (B7h) Reset Value = X000 0000b Not bit addressable 7654 3210 - PPCH PT2H PSH PT1H PX1H PT0H PX0H Bit Number Bit Mnemonic Description 7- Reserved The value read from this bit is indeterminate. Do not set this bit. 6PPCH PCA interrupt priority high bit. PPCH PPCL Priority Level 0 0 Lowest 01 10 1 1 Highest 5PT2H Timer 2 overflow interrupt priority high bit PT2H PT2L Priority Level 0 0 Lowest 01 10 1 1 Highest 4PSH Serial port priority high bit PSH PSL Priority Level 0 0 Lowest 0 1 1 0 1 1 Highest 3PT1H Timer 1 overflow interrupt priority high bit PT1H PT1L Priority Level 00 Lowest 01 10 1 1 Highest 2PX1H External interrupt 1 priority high bit PX1H PX1L Priority Level 0 0 Lowest 01 10 1 1 Highest 1PT0H Timer 0 overflow interrupt priority high bit PT0H PT0L Priority Level 0 0 Lowest 0 1 10 1 1 Highest 0PX0H External interrupt 0 priority high bit PX0H PX0L Priority Level 0 0 Lowest 01 10 1 1 Highest |