| Moteur de recherche de fiches techniques de composants électroniques |
|
T89C51CC02UA-RATIM Fiches technique(PDF) 44 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02UA-RATIM Fiches technique(HTML) 44 Page - ATMEL Corporation |
|
44 / 156 page ![]() 44 AT/T89C51CC02 4126J–CAN–05/06 Operation Cross Memory Access Space addressable in read and write are: •RAM • ERAM (Expanded RAM access by movx) • EEPROM DATA • FM0 ( user flash ) • Hardware byte •XROW •Boot Flash • Flash Column latch The table below provides the different kind of memory which can be accessed from dif- ferent code location. Note: 1. RWW: Read While Write Table 26. Cross Memory Access Action RAM ERAM Boot FLASH FM0 E² Data Hardware Byte XROW boot FLASH Read OK OK OK OK - Write - OK(1) OK(1) OK(1) OK(1) FM0 Read OK OK OK -OK - Write - OK (idle) OK(1) --OK |