| Moteur de recherche de fiches techniques de composants électroniques |
|
T89C51CC02UA-RATIM Fiches technique(PDF) 153 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02UA-RATIM Fiches technique(HTML) 153 Page - ATMEL Corporation |
|
153 / 156 page ![]() ii Program/Code Memory ...................................................................... 34 Flash Memory Architecture ................................................................................ 34 Overview of FM0 Operations.............................................................................. 36 Registers ............................................................................................................ 42 Operation Cross Memory Access ..................................................... 44 Sharing Instructions ........................................................................... 45 In-System Programming (ISP) ........................................................... 47 Flash Programming and Erasure ....................................................................... 47 Boot Process ...................................................................................................... 48 Application-Programming-Interface .................................................................... 48 XROW Bytes ...................................................................................................... 49 Hardware Conditions .......................................................................................... 49 Hardware Security Byte...................................................................................... 50 Serial I/O Port ...................................................................................... 51 Framing Error Detection .................................................................................... 51 Automatic Address Recognition ......................................................................... 52 Given Address .................................................................................................... 52 Broadcast Address ............................................................................................. 53 Registers ............................................................................................................. 54 Timers/Counters ................................................................................. 57 Timer/Counter Operations .................................................................................. 57 Timer 0 ............................................................................................................... 57 Timer 1 ............................................................................................................... 59 Interrupt .............................................................................................................. 60 Registers ............................................................................................................ 61 Timer 2 ................................................................................................. 64 Auto-Reload Mode ............................................................................................. 64 Programmable Clock-Output .............................................................................. 65 Registers ............................................................................................................ 66 Watchdog Timer .................................................................................. 69 Watchdog Programming...................................................................................... 70 Watchdog Timer During Power-down Mode and Idle ...................... 71 Register .............................................................................................................. 71 |