| Moteur de recherche de fiches techniques de composants électroniques |
|
AT80C51SND1C-ROTIL Fiches technique(PDF) 62 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80C51SND1C-ROTIL Fiches technique(HTML) 62 Page - ATMEL Corporation |
|
62 / 212 page ![]() 62 4109J–8051–10/06 AT8xC51SND1C 11.4 Registers Table 57. WDTRST Register WDTRST (S:A6h Write only) – Watchdog Timer Reset Register Reset Value = XXXX XXXXb Figure 11-4. WDTPRG Register WDTPRG (S:A7h) – Watchdog Timer Program Register Reset Value = XXXX X000b 7654 3210 -------- Bit Number Bit Mnemonic Description 7 - 0 - Watchdog Control Value 7654 3210 ----- WTO2 WTO1 WTO0 Bit Number Bit Mnemonic Description 7 - 3 - Reserved The value read from these bits is indeterminate. Do not set these bits. 2 - 0 WTO2:0 Watchdog Timer Time-Out Selection Bits Refer to Table 56 for time-out periods. |