| Moteur de recherche de fiches techniques de composants électroniques |
|
AT83SND1CXXX-ROTIL Fiches technique(PDF) 45 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND1CXXX-ROTIL Fiches technique(HTML) 45 Page - ATMEL Corporation |
|
45 / 212 page ![]() 45 4109J–8051–10/06 AT8xC51SND1C Table 45. IPL0 Register IPL0 (S:B8h) - Interrupt Priority Low Register 0 Reset Value = X000 0000b 8.3.0.3 Table 46. IPL1 Register IPL1 (S:B2h) – Interrupt Priority Low Register 1 7654 3210 - IPLAUD IPLMP3 IPLS IPLT1 IPLX1 IPLT0 IPLX0 Bit Number Bit Mnemonic Description 7- Reserved The value read from this bit is indeterminate. Do not set this bit. 6IPLAUD Audio Interface Interrupt Priority Level LSB Refer to Table 39 for priority level description. 5IPLMP3 MP3 Decoder Interrupt Priority Level LSB Refer to Table 39 for priority level description. 4IPLS Serial Port Interrupt Priority Level LSB Refer to Table 39 for priority level description. 3IPLT1 Timer 1 Interrupt Priority Level LSB Refer to Table 39 for priority level description. 2IPLX1 External Interrupt 1 Priority Level LSB Refer to Table 39 for priority level description. 1IPLT0 Timer 0 Interrupt Priority Level LSB Refer to Table 39 for priority level description. 0IPLX0 External Interrupt 0 Priority Level LSB Refer to Table 39 for priority level description. 7654 3210 - IPLUSB - IPLKB IPLADC IPLSPI IPLI2C IPLMMC |