| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C51SND1C-ROTIL Fiches technique(PDF) 11 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51SND1C-ROTIL Fiches technique(HTML) 11 Page - ATMEL Corporation |
|
11 / 212 page ![]() 11 4109J–8051–10/06 AT8xC51SND1C 4.3 Internal Pin Structure Table 15. Detailed Internal Pin Structure Notes: 1. For information on resistors value, input/output levels, and drive capability, refer to the Section “DC Characteristics”, page 180. 2. When the Two Wire controller is enabled, P 1, P2, and P3 transistors are disabled allowing pseudo open-drain structure. 3. In Port 2, P 1 transistor is continuously driven when outputting a high level bit address (A15:8). Circuit (1) Type Pins Input TST Input/Output RST Input/Output P1(2) P2 (3) P3 P4 P53:0 Input/Output P0 MCMD MDAT ISP PSEN Output ALE SCLK DCLK DOUT DSEL MCLK Input/Output D+ D- VDD VSS P VDD Watchdog Output P3 VSS N P1 VDD VDD 2 osc Latch Output periods P2 VDD VSS N P VDD VSS N P VDD D+ D- |