Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT45DB011D Fiches technique(PDF) 28 Page - ATMEL Corporation

No de pièce AT45DB011D
Description  1-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Fiches technique(HTML) 28 Page - ATMEL Corporation

Back Button AT45DB011D Datasheet HTML 24Page - ATMEL Corporation AT45DB011D Datasheet HTML 25Page - ATMEL Corporation AT45DB011D Datasheet HTML 26Page - ATMEL Corporation AT45DB011D Datasheet HTML 27Page - ATMEL Corporation AT45DB011D Datasheet HTML 28Page - ATMEL Corporation AT45DB011D Datasheet HTML 29Page - ATMEL Corporation AT45DB011D Datasheet HTML 30Page - ATMEL Corporation AT45DB011D Datasheet HTML 31Page - ATMEL Corporation AT45DB011D Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
28
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
15. Command Tables
Table 15-1.
Read Commands
Command
Opcode
Main Memory Page Read
D2H
Continuous Array Read (Legacy Command)
E8H
Continuous Array Read (Low Frequency)
03H
Continuous Array Read (High Frequency)
0BH
Buffer Read (Low Frequency)
D1H
Buffer Read
D4H
Table 15-2.
Program and Erase Commands
Command
Opcode
Buffer Write
84H
Buffer to Main Memory Page Program with Built-in Erase
83H
Buffer to Main Memory Page Program without Built-in Erase
88H
Page Erase
81H
Block Erase
50H
Sector Erase
7CH
Chip Erase
7CH, 94H, 80H, 9AH
Main Memory Page Program through Buffer
82H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52