Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT45DB011D Fiches technique(PDF) 39 Page - ATMEL Corporation

No de pièce AT45DB011D
Description  1-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Fiches technique(HTML) 39 Page - ATMEL Corporation

Back Button AT45DB011D_07 Datasheet HTML 35Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 36Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 37Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 38Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 39Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 40Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 41Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 42Page - ATMEL Corporation AT45DB011D_07 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
22. Write Operations
The following block diagram and waveforms illustrate the various write sequences available.
22.1
Buffer Write
22.2
Buffer to Main Memory Page Program (Data from Buffer Programmed into Flash Page)
FLASH MEMORY ARRAY
PAGE (256/264 BYTES)
BUFFER (256/264 BYTES)
I/O INTERFACE
SI
BUFFER TO
MAIN MEMORY
PAGE PROGRAM
BUFFER
WRITE
SI (INPUT)
CMD
Completes writing into the buffer
CS
X
X···X, BFA8
BFA7-0
n
n+1
Last Byte
BINARY PAGE SIZE
16 DON'T CARE + BFA7-BFA0
SI (INPUT)
CMD
PA8-7
PA6-0, X
CS
Starts self-timed erase/program operation
XXXX XX
Each transition
represents 8 bits
n = 1st byte read
n+1 = 2nd byte read
BINARY PAGE SIZE
A16-A8 + 8 DON'T CARE BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52