| Moteur de recherche de fiches techniques de composants électroniques |
|
AT26DF321 Fiches technique(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT26DF321 Fiches technique(HTML) 3 Page - ATMEL Corporation |
|
3 / 34 page ![]() 3 3633C–DFLASH–08/06 AT26DF321 [Preliminary] 3. Block Diagram 4. Memory Array To provide the greatest flexibility, the memory array of the AT26DF321 can be erased in four lev- els of granularity including a full chip erase. In addition, the array has been divided into physical sectors of uniform size, of which each sector can be individually protected from program and erase operations. The size of the physical sectors is optimized for both code and data storage applications, allowing both code and data segments to reside in their own isolated regions. Figure 4-1 on page 4 illustrates the breakdown of each erase level as well as the break- down of each physical sector. Figure 2-1. 8-SOIC Top View Figure 2-2. 16-SOIC Top View 1 2 3 4 8 7 6 5 CS SO WP GND VCC NC SCK SI 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 NC VCC NC NC NC NC CS SO SCK SI NC NC NC NC GND WP FLASH MEMORY ARRAY Y-GATING CS SCK SO SI Y-DECODER X-DECODER I/O BUFFERS AND LATCHES CONTROL AND PROTECTION LOGIC SRAM DATA BUFFER WP INTERFACE CONTROL AND LOGIC |