Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT45DB081D Fiches technique(PDF) 52 Page - ATMEL Corporation

No de pièce AT45DB081D
Description  8-megabit 2.5-volt or 2.7-volt DataFlash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081D Fiches technique(HTML) 52 Page - ATMEL Corporation

Back Button AT45DB081D Datasheet HTML 45Page - ATMEL Corporation AT45DB081D Datasheet HTML 46Page - ATMEL Corporation AT45DB081D Datasheet HTML 47Page - ATMEL Corporation AT45DB081D Datasheet HTML 48Page - ATMEL Corporation AT45DB081D Datasheet HTML 49Page - ATMEL Corporation AT45DB081D Datasheet HTML 50Page - ATMEL Corporation AT45DB081D Datasheet HTML 51Page - ATMEL Corporation AT45DB081D Datasheet HTML 52Page - ATMEL Corporation AT45DB081D Datasheet HTML 53Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
52
3596E–DFLASH–02/07
AT45DB081D
29. Errata
29.1
Chip Erase
29.1.1
Issue
In a certain percentage of units, the Chip Erase feature may not function correctly and may
adversely affect device operation. Therefore, it is recommended that the Chip Erase commands
(opcodes C7H, 94H, 80H, and 9AH) not be used.
29.1.2
Workaround
Use Block Erase (opcode 50H) as an alternative. The Block Erase function is not affected by the
Chip Erase issue.
29.1.3
Resolution
The Chip Erase feature may be fixed with a new revision of the device. Please contact Atmel for
the estimated availability of devices with the fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53