| Moteur de recherche de fiches techniques de composants électroniques |
|
AT45DB321C-RU Fiches technique(PDF) 19 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB321C-RU Fiches technique(HTML) 19 Page - ATMEL Corporation |
|
19 / 40 page ![]() 19 3387L–DFLASH–6/06 AT45DB321C Notes: 1. This command should be used for applications requiring a high number of random page writes within a sector. See “Auto Page Rewrite” on page 8. 2. The Security Register Program command utilizes data stored in Buffer 1. Therefore, this command must be used in conjunc- tion with the Buffer 1 write command. See “Security Register” on page 14 for details. Table 9-3. Additional Commands Command SCK Mode Opcode Main Memory Page to Buffer 1 Transfer Mode 0, Mode 3 53H Main Memory Page to Buffer 2 Transfer Mode 0, Mode 3 55H Main Memory Page to Buffer 1 Compare Mode 0, Mode 3 60H Main Memory Page to Buffer 2 Compare Mode 0, Mode 3 61H Auto Page Rewrite Through Buffer 1(1) Mode 0, Mode 3 58H Auto Page Rewrite Through Buffer 2(1) Mode 0, Mode 3 59H Security Register Program(2) Mode 0, Mode 3 9AH Security Register Read Mode 0, Mode 3 77H |