Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT43USB325 Fiches technique(PDF) 66 Page - ATMEL Corporation

No de pièce AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Fiches technique(HTML) 66 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 62Page - ATMEL Corporation AT43USB325 Datasheet HTML 63Page - ATMEL Corporation AT43USB325 Datasheet HTML 64Page - ATMEL Corporation AT43USB325 Datasheet HTML 65Page - ATMEL Corporation AT43USB325 Datasheet HTML 66Page - ATMEL Corporation AT43USB325 Datasheet HTML 67Page - ATMEL Corporation AT43USB325 Datasheet HTML 68Page - ATMEL Corporation AT43USB325 Datasheet HTML 69Page - ATMEL Corporation AT43USB325 Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 109 page
background image
66
3355C–USB–4/05
AT43USB325
8.1.3
Setup Response State
The Function Interface Unit (FIU) receives a SETUP token with 8 bytes of data from the Host.
The FIU stores the data in the FIFO, sends an ACK back to the host and asserts an RX_SETUP
interrupt.
Hardware
Firmware
1.
SETUP token, DATA from Host
2.
ACK to Host
3.
Store data in FIFO
4.
Set RX SETUP
→ INT
5.
Read UISR
6.
Read CSR0
7.
Read Byte Count
8.
Read FIFO
9.
Parse command data
10. Write to H/FCAR0:
11. If Control Read: set DIR, clear RX
SETUP, fill FIFO, set TX Packet
Ready in CAR0
12. If Control Write: clear DIR in CAR0
13. If no Data Stage: set Data End,
clear DIR, set Force STALL in
CAR0
14. Set UIAR[EP0 INTACK] to clear
the interrupt source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More