Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT43USB355 Fiches technique(PDF) 40 Page - ATMEL Corporation

No de pièce AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Fiches technique(HTML) 40 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 36Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 37Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 38Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 39Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 40Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 41Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 42Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 43Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 115 page
background image
40
AT43USB355
2603G–USB–04/06
8-bit
Timer/Counter0
The 8-bit Timer/Counter0 can select clock source from CK, prescaled CK or an external pin. In
addition it can be stopped as described in the specification for the Timer/Counter0 Control
Register (TCCR0). The overflow status flag is found in the Timer/Counter Interrupt Flag Regis-
ter (TIFR). Control signals are found in the Timer/Counter0 Control Register (TCCR0). The
interrupt enable/disable settings for Timer/Counter0 are found in the Timer/Counter Interrupt
Mask Register - TIMSK.
When Timer/Counter0 is externally clocked, the external signal is synchronized with the oscil-
lator frequency of the CPU. To assure proper sampling of the external clock, the minimum
time between two external clock transitions must be at least one internal CPU clock period.
The external clock signal is sampled on the rising edge of the internal CPU clock.
The 8-bit Timer/Counter0 features both a high resolution and a high accuracy usage with the
lower prescaling opportunities. Similarly, the high prescaling opportunities make the
Timer/Counter0 useful for lower speed functions or exact timing functions with infrequent
actions.
Figure 13. Timer/Counter0 Block Diagram
Control
Logic
Timer/Counter0
(TCNT0)
Timer Int. Mask Register
(TIMSK)
Timer Int. Flag Register
(TIFR)
T/C0 Control Register
(TCCR0)
T/C Clock Source
70
CK
T0
T/C0
Overflow IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More