Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT43USB355 Fiches technique(PDF) 109 Page - ATMEL Corporation

No de pièce AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Fiches technique(HTML) 109 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 105Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 106Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 107Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 108Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 109Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 110Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 111Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 112Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 113Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 115 page
background image
109
AT43USB355
2603G–USB–04/06
Table 41. Hub Event Timings
Symbol
Parameter
Condition
Min
Max
Unit
TDCNN
Time to detect a
downstream port connect
event
2.5
2000
µs
TDDIS
Time to detect a
disconnect event on
downstream port
Awake Hub
Suspended Hub
2.5
2.5
2000
12000
µs
TURSM
Time from detecting
downstream resume to
rebroadcast
100
µs
TDRST
Duration of driving reset to
a downstream device
Only for a SetPortFeature
(PORT_RESET) request
10
20
µs
TDSPDEV
Time to evaluate device
speed after reset
2.5
1000
µs
TURLK
Time to detect a long K
from upstream
2.5
5.5
µs
TURLSEO
Time to detect a long SEO
from upstream
2.5
5.5
µs
TURPSEO
Duration of repeating SEO
upstream
23
FS
bits
TUDEOP
Duration of sending SEO
upstream after EOF1
2FS
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More