| Moteur de recherche de fiches techniques de composants électroniques |
|
AT45DB021B-RC Fiches technique(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B-RC Fiches technique(HTML) 21 Page - ATMEL Corporation |
|
21 / 32 page ![]() 21 1937J–DFLSH–9/05 AT45DB021B 13. Detailed Bit-level Read Timing – Inactive Clock Polarity High 13.1 Continuous Array Read (Opcode: 68H) 13.2 Main Memory Page Read (Opcode: 52H) 13.3 Buffer Read (Opcode: 54H or 56H) SI 0 1X X X CS SO SCK 12 63 64 65 66 67 HIGH-IMPEDANCE D7 D6 D5 D2 D1 D0 D7 D6 D5 BIT 0 OF PAGE n+1 BIT 2111 OF PAGE n LSB MSB tSU tV DATA OUT SI 0 1 0 10 XX X CS SO SCK 12345 61 62 63 64 65 66 67 XX HIGH-IMPEDANCE D7 D6 D5 DATA OUT COMMAND OPCODE MSB tSU tV D4 68 SI 0 1 0 10 XX X CS SO SCK 12345 37 38 39 40 41 42 43 XX HIGH-IMPEDANCE D7 D6 D5 DATA OUT COMMAND OPCODE MSB tSU tV D4 44 |