Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSN2-T/6-D12 Fiches technique(PDF) 3 Page - C&D Technologies

No de pièce LSN2-T/6-D12
Description  Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CANDD [C&D Technologies]
Site Internet  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

LSN2-T/6-D12 Fiches technique(HTML) 3 Page - C&D Technologies

  LSN2-T/6-D12 Datasheet HTML 1Page - C&D Technologies LSN2-T/6-D12 Datasheet HTML 2Page - C&D Technologies LSN2-T/6-D12 Datasheet HTML 3Page - C&D Technologies LSN2-T/6-D12 Datasheet HTML 4Page - C&D Technologies LSN2-T/6-D12 Datasheet HTML 5Page - C&D Technologies LSN2-T/6-D12 Datasheet HTML 6Page - C&D Technologies LSN2-T/6-D12 Datasheet HTML 7Page - C&D Technologies LSN2-T/6-D12 Datasheet HTML 8Page - C&D Technologies LSN2-T/6-D12 Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
®
LSN2 Series
Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
LSN2 Series Page 3 of 14
www.cd4power.com
Performance/Functional Specifications
(1)
INPUT
Input Voltage Range
See Ordering Guide
Isolation
Not isolated, input and output commons
are internally connected
Start-Up Threshold
W3 Models
2.2 Volts
12V Models
8 Volts
Undervoltage Shutdown
W3 Models
2.0 Volts
12V Models
7.5 Volts
Overvoltage Shutdown
None
Reflected (Back) Ripple Current (2)
10-70mAp-p (model dependent)
Internal Input Filter Type
Capacitive
Reverse Polarity Protection
See fuse information
Input Current:
Full Load Conditions
See Ordering Guide
Inrush Transient
0.1A2sec
Shutdown Mode (Off, UV, OT)
5mA
Output Short Circuit
60mA
No Load
W3 models
50mA
12V models
100mA
Low Line (VIN = VMIN)
LSN2-T/6-W3
5.54 Amps
LSN2-T/6-D12
3.85 Amps
LSN2-T/10-W3
9.14 Amps
LSN2-T/10-D12
6.31 Amps
LSN2-T/16-W3
14.63 Amps
LSN2-T/16-D12
10.2 Amps
Remote On/Off Control: (5)
Positive Logic (no model suffix)
OFF = ground pin to +0.8V max.
ON = open pin or +2.5V min. to +VIN max.
Negative Logic (“N” model suffix)
ON = open pin to +0.3V max.
OFF = +2.5V min. to +VIN max.
Current
1mA max.
OUTPUT
Voltage Output Range
See Ordering Guide
Minimum Loading
No minimum load
Accuracy (50% load)
±2% of VNOM
Voltage Adjustment Range (13)
See Ordering Guide
Temperature Coefficient
±0.02% of VOUT range per °C
Ripple/Noise (20 MHz bandwidth)
See Ordering Guide and (8)
Line/Load Regulation (See Tech Notes)
See Ordering Guide and (10)
Efficiency
See Ordering Guide
Maximum Capacitive Loading: (15)
LSN2-T/6 models:
Cap-ESR = 0.001 to 0.01
Ω
3000μF
Cap-ESR >0.01
Ω
5000μF
LSN2-T/10 and -T/16 models:
Cap-ESR = 0.001 to 0.01
Ω
5000μF
Cap-ESR >0.01
Ω
10,000μF
Current Limit Inception: (98% of VOUT)
LSN2-T/6 models
11-13 Amps (cold startup)
11 Amps (after warm up)
LSN2-T/10 models
18.75 Amps (cold startup)
16.75 Amps (after warm up)
LSN2-T/16 models
24 Amps (cold startup)
21 Amps (after warm up)
Short Circuit Mode (6)
Short Circuit Current Output
600mA
Protection Method (17)
Hiccup autorecovery on overload removal
Short Circuit Duration
Continuous, no damage (output shorted
to ground)
Prebias Startup (16)
Converter will start up if the external
output voltage is less than VNOM
Sequencing
Slew Rate
2V max. per millisecond
Startup delay until sequence start
10 milliseconds
Tracking accuracy, rising input
VOUT = ±100mV of Sequence In
Tracking accuracy, falling input
VOUT = ±200mV of Sequence In
Sequence pin input impedance
400k
Ω to 1MΩ
Remote Sense to VOUT
0.5V max. (7)
Power Good Output (14)
TRUE (OK) = open drain
(“G” suffix)
FALSE (not OK) = Signal Ground to 0.4V
Power_Good Configuration
MOSFET to ground with external user
pullup, 10mA max. sink
DYNAMIC CHARACTERISTICS
Dynamic Load Response
25μsec to ±2% of final value
(50-100-50% load step, di/dt = 20A/msec)
Start-Up Time
4-7msec for VOUT = nominal
(VIN on to VOUT regulated or On/Off to VOUT)
Switching Frequency
LSN2-T/6 models
315kHz
LSN2-T/10 and -T/16 models
230kHz
ENVIRONMENTAL
Calculated MTBF (4)
TBC Hours
Operating Temperature Range (Ambient)
No derating, natural convection
–40 to +63°C, vertical mount, 2.5VOUT (9)
With derating
See Derating Curves
Operating PC Board Temperature
–40 to +100°C max. (12)
Storage Temperature Range
–55 to +125°C
Thermal Protection/Shutdown
+115°C
Density Altitude
0 to 10,000 feet
Relative Humidity
10% to 90%, non-condensing
PHYSICAL
Outline Dimensions
See Mechanical Specifications
Removable Heat Shield
Nylon 46
Weight
0.28 ounces (7.8 grams)
Electromagnetic Interference
FCC part 15, class B, EN55022 (may
(conducted and radiated)
need external filter)
Safety
UL/cUL 60950 CSA-C22.2 No.234
IEC/EN 60950
Flammability Rating
UL94V-0
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous or transient)
W3 models
+7 Volts
12V models
+15 Volts
On/Off Control
–0.3V min. to +VIN max.
Input Reverse Polarity Protection
See Fuse section
Output Current (7)
Current-limited. Devices can
withstand sustained short circuit
without damage.
Storage Temperature
–55 to +125°C
Lead Temperature (soldering 10 sec. max.) +280°C
These are stress ratings. Exposure of devices to any of these conditions may adversely affect
long-term reliability. Proper operation under conditions other than those listed in the Perfor-
mance/Functional Specifications Table is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14