| Moteur de recherche de fiches techniques de composants électroniques |
|
AT45DB161-TC Fiches technique(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB161-TC Fiches technique(HTML) 16 Page - ATMEL Corporation |
|
16 / 21 page ![]() AT45DB161 16 Table 2. Buffer 1 to Main Memory Page Program with Built-in Erase Buffer 2 to Main Memory Page Program with Built-in Erase Buffer 1 to Main Memory Page Program without Built-in Erase Buffer 2 to Main Memory Page Program without Built-in Erase Page Erase Block Erase Main Memory Page Program through Buffer 1 Main Memory Page Program through Buffer 2 Auto Page Rewrite through Buffer 1 Auto Page Rewrite through Buffer 2 Status Register Opcode 83H 86H 88H 89H 81H 50H 82H 85H 58H 59H 57H 1 1 1 1 1 0 1100 0 0 0 0 0 0 1 0011 1 0 0 0 0 0 0 0000 0 0 0 0 0 0 1 0011 1 0 0 1 1 0 0 0011 0 0 1 0 0 0 0 0100 1 1 1 0 0 0 0 1000 1 1 0 0 1 1 0 0101 1 r r r r r r rrrr r r r r r r rrrr PA11 PA11 PA11 PA11 PA11 PA11 PA11 PA11 PA11 PA11 PA10 PA10 PA10 PA10 PA10 PA10 PA10 PA10 PA10 PA10 PA9 PA9 PA9 PA9 PA9 PA9 PA9 PA9 PA9 PA9 PA8 PA8 PA8 PA8 PA8 PA8 PA8 PA8 PA8 PA8 PA7 PA7 PA7 PA7 PA7 PA7 PA7 PA7 PA7 PA7 PA6 PA6 PA6 PA6 PA6 PA6 PA6 PA6 PA6 PA6 PA5 PA5 PA5 PA5 PA5 PA5 PA5 PA5 PA5 PA5 PA4 PA4 PA4 PA4 PA4 PA4 PA4 PA4 PA4 PA4 PA3 PA3 PA3 PA3 PA3 PA3 PA3 PA3 PA3 PA3 PA2 PA2 PA2 PA2 PA2 X PA2 PA2 PA2 PA2 PA1 PA1 PA1 PA1 PA1 X PA1 PA1 PA1 PA1 PA0 PA0 PA0 PA0 PA0 X PA0 PA0 PA0 PA0 X X X X X X BFA9 BFA9 X X X X X X X X BFA8 BFA8 X X X X X X X X BFA7 BFA7 X X X X X X X X BFA6 BFA6 X X X X X X X X BFA5 BFA5 X X X X X X X X BFA4 BFA4 X X X X X X X X BFA3 BFA3 X X X X X X X X BFA2 BFA2 X X X X X X X X BFA1 BFA1 X X X X X X X X BFA0 BFA0 X X X (Don’t Care) r (reserved bits) |