Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT45DB161 Fiches technique(PDF) 17 Page - ATMEL Corporation

No de pièce AT45DB161
Description  16-megabit 2.7-volt Only Serial DataFlash
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB161 Fiches technique(HTML) 17 Page - ATMEL Corporation

Back Button AT45DB161_01 Datasheet HTML 13Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 14Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 15Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 16Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 17Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 18Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 19Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 20Page - ATMEL Corporation AT45DB161_01 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AT45DB161
17
Figure 1. Algorithm for Sequentially Programming or Reprogramming an Entire Sector
Notes:
1. This type of algorithm is used for applications in which an entire sector is programmed sequentially, filling the sector page-
by-page.
2. A page can be written using either a Main Memory Page Program operation or a Buffer Write operation followed by a Buffer
to Main Memory Page Program operation.
3. The algorithm above shows the programming of a single page. The algorithm will be repeated sequentially for each page
within the entire sector.
START
MAIN MEMORY PAGE PROGRAM
(82H, 85H)
END
provide address
and data
BUFFER WRITE
(84H, 87H)
BUFFER to MAIN
MEMORY PAGE PROGRAM
(83H, 86H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21