| Moteur de recherche de fiches techniques de composants électroniques |
|
LL2012-F560NJ Fiches technique(PDF) 2 Page - TOKO, Inc |
|
|
|||||||||||||||||||||||||||||
LL2012-F560NJ Fiches technique(HTML) 2 Page - TOKO, Inc |
|
2 / 2 page ![]() 25 Meeting Your Needs R-LOG1104A 1.800.PIK.TOKO 1.847.297.0070 www.tokoam.com TYPE LLQ2012 Wirewound Chip Inductors STANDARD PARTS SELECTION GUIDE TYPE LLQ2012 * Add tolerance to part number: G = ±2%, J = ±5%, K = ±10% Testing Conditions: L,Q: Agilent 4287A (Test fixture Agilent 16193A). SRF: Agilent 8720ES. RDC: Agilent 34420A. IDC: Agilent 34401A O K O T r e b m u N t r a P e c n a t c u d n IQ t n a n o s e R f l e S y c n e u q e r F ) z H M ( . n i m C D e c n a t s i s e R ( Ω . x a m ) C D I ) A m ( . x a m o L ) H n ( e c n a r e l o T . q e r F t s e T ) z H M ( Q ) . n i m ( . q e r F t s e T ) z H M ( * _ 7 N 2 F - 2 1 0 2 Q L L7 . 2K , J0 5 20 80 0 5 10 0 9 76 0 . 00 0 8 * _ 0 N 3 F - 2 1 0 2 Q L L0 . 3K , J0 5 25 60 0 5 10 0 9 76 0 . 00 0 8 * _ 3 N 3 F - 2 1 0 2 Q L L3 . 3K , J0 5 20 50 0 5 10 0 9 78 0 . 00 0 6 * _ 6 N 5 F - 2 1 0 2 Q L L6 . 5K , J0 5 25 60 0 0 10 0 5 58 0 . 00 0 6 * _ 8 N 6 F - 2 1 0 2 Q L L8 . 6K , J0 5 20 50 0 0 10 0 5 51 1 . 00 0 6 * _ 5 N 7 F - 2 1 0 2 Q L L5 . 7K , J0 5 20 50 0 0 10 0 5 44 1 . 00 0 6 * _ 2 N 8 F - 2 1 0 2 Q L L2 . 8K , J , G0 5 20 50 0 0 10 0 7 42 1 . 00 0 6 * _ N 0 1 F - 2 1 0 2 Q L L0 1K , J , G0 5 20 60 0 50 0 2 40 1 . 00 0 6 * _ N 2 1 F - 2 1 0 2 Q L L2 1K , J , G0 5 20 50 0 50 0 0 45 1 . 00 0 6 * _ N 5 1 F - 2 1 0 2 Q L L5 1K , J , G0 5 20 50 0 50 0 4 37 1 . 00 0 6 * _ N 8 1 F - 2 1 0 2 Q L L8 1K , J , G0 5 20 50 0 50 0 3 30 2 . 00 0 6 * _ N 2 2 F - 2 1 0 2 Q L L2 2K , J , G0 5 25 50 0 50 0 6 22 2 . 00 0 5 * _ N 4 2 F - 2 1 0 2 Q L L4 2K , J , G0 5 20 50 0 50 0 0 22 2 . 00 0 5 * _ N 7 2 F - 2 1 0 2 Q L L7 2K , J , G0 5 25 50 0 50 0 5 25 2 . 00 0 5 * _ N 3 3 F - 2 1 0 2 Q L L3 3K , J , G0 5 20 60 0 50 5 0 27 2 . 00 0 5 * _ N 6 3 F - 2 1 0 2 Q L L6 3K , J , G0 5 25 50 0 50 0 7 17 2 . 00 0 5 * _ N 9 3 F - 2 1 0 2 Q L L9 3K , J , G0 5 20 60 0 50 0 0 29 2 . 00 0 5 * _ N 3 4 F - 2 1 0 2 Q L L3 4K , J , G0 0 20 60 0 50 5 6 14 3 . 00 0 5 * _ N 7 4 F - 2 1 0 2 Q L L7 4K , J , G0 0 20 60 0 50 5 6 11 3 . 00 0 5 * _ N 6 5 F - 2 1 0 2 Q L L6 5K , J , G0 0 20 60 0 50 5 5 14 3 . 00 0 5 * _ N 8 6 F - 2 1 0 2 Q L L8 6K , J , G0 0 20 60 0 50 5 4 18 3 . 00 0 5 * _ N 2 8 F - 2 1 0 2 Q L L2 8K , J , G0 5 15 60 0 50 0 3 12 4 . 00 0 4 * _ N 1 9 F - 2 1 0 2 Q L L1 9K , J , G0 5 15 60 0 50 0 2 18 4 . 00 0 4 * _ 0 1 R F - 2 1 0 2 Q L L0 0 1K , J , G0 5 15 60 0 50 0 2 16 4 . 00 0 4 * _ 1 1 R F - 2 1 0 2 Q L L0 1 1K , J , G0 5 10 50 5 20 0 0 18 4 . 00 0 4 * _ 2 1 R F - 2 1 0 2 Q L L0 2 1K , J , G0 5 10 50 5 20 0 1 11 5 . 00 0 4 * _ 5 1 R F - 2 1 0 2 Q L L0 5 1K , J , G0 0 10 50 5 20 2 96 5 . 00 0 4 * _ 8 1 R F - 2 1 0 2 Q L L0 8 1K , J , G0 0 10 50 5 20 7 84 6 . 00 0 4 * _ 2 2 R F - 2 1 0 2 Q L L0 2 2K , J , G0 0 10 50 5 20 5 80 7 . 00 0 4 * _ 4 2 R F - 2 1 0 2 Q L L0 4 2K , J , G0 0 14 40 5 20 9 60 0 . 10 5 3 * _ 7 2 R F - 2 1 0 2 Q L L0 7 2K , J , G0 0 18 40 5 20 5 60 0 . 10 5 3 * _ 3 3 R F - 2 1 0 2 Q L L0 3 3K , J , G0 0 18 40 5 20 0 60 4 . 10 1 3 * _ 9 3 R F - 2 1 0 2 Q L L0 9 3K , J , G0 0 18 40 5 20 6 50 5 . 10 9 2 * _ 7 4 R F - 2 1 0 2 Q L L0 7 4K , J0 53 30 0 15 7 36 7 . 10 5 2 * _ 6 5 R F - 2 1 0 2 Q L L0 6 5K , J5 23 20 50 4 30 9 . 10 3 2 * _ 8 6 R F - 2 1 0 2 Q L L0 8 6K , J5 23 20 58 8 10 2 . 20 9 1 * _ 2 8 R F - 2 1 0 2 Q L L0 2 8K , J5 23 20 55 1 25 3 . 20 8 1 |