Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8337BCPZ-R2 Fiches technique(PDF) 20 Page - Analog Devices

No de pièce AD8337BCPZ-R2
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8337BCPZ-R2 Fiches technique(HTML) 20 Page - Analog Devices

Back Button AD8337BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8337
Rev. B | Page 20 of 24
APPLICATIONS
PREAMPLIFIER CONNECTIONS
Noninverting Gain Configuration
The AD8337 preamplifier is an uncommitted, current-feedback
op amp that is stable for values of RFB2 ≥ 100 Ω. See Figure 66
for the noninverting feedback connections.
RG
PRAO
PREAMPLIFIER
+
–
INPP
INPN
5
3
4
RFB2
RFB1
Figure 66. AD8337 Preamplifier Configured for Noninverting Gain
Two surface-mount resistors establish the preamplifier gain.
Equal values of 100 Ω configure the preamplifier for a 6 dB gain
and the device for a default gain range of 0 dB to 24 dB.
For preamp gains ≥2, select a value of RFB2 ≥ 100 Ω and
RFB1 ≤ 100 Ω. Higher values of RFB2 reduce the bandwidth and
increase the offset voltage, but smaller values compromise
stability. If RFB1 ≤ 100 Ω, the gain increases and the input-
referred noise decreases.
Inverting Gain Configuration
For applications requiring polarity inversion of negative pulses, or
for waveforms that require current sinking, the preamplifier can
be configured as an inverting gain amplifier. When configured
with bipolar supplies, the preamplifier amplifies positive or
negative input voltages with no level shifting of the common-
mode input voltage required. Figure 67 shows the AD8337
configured for inverting gain operation.
Because the AD8337 is a very high frequency device, stability
issues can occur unless the circuit board on which it is used is
carefully laid out. The stability of the preamp is affected by
parasitic capacitance around the INPN pin. Position the pre-
amp gain resistors, RFB1 and RFB2, as close as possible to Pin 4,
INPN, to minimize stray capacitance.
PRAO
PREAMPLIFIER
+
–
INPP
INPN
5
3
4
RFB2
RFB1
Figure 67. The AD8337 Preamplifier Configured for Inverting Gain
DRIVING CAPACITIVE LOADS
Because of the large bandwidth of the AD8337, stray
capacitance at the output pin can induce peaking in the
frequency response as the gain of the amplifier begins to roll off.
Figure 68 shows peaking with two values of load capacitance
using ±2.5 V supplies and VGAIN = 0 V.
–5
0
10
20
15
25
100k
5
FREQUENCY (Hz)
1M
500M
100M
10M
CL = 0pF
CL = 10pF
CL = 22pF
VGAIN = 0V
NO SNUBBING RESISTOR
Figure 68. Peaking in the Frequency Response for Two Values of Output
Capacitance with ±2.5 V Supplies and No Snubbing Resistor
–5
0
10
20
15
25
100k
5
FREQUENCY (Hz)
1M
500M
100M
10M
CL = 0pF
CL = 10pF
CL = 22pF
VGAIN = 0V
WITH 20Ω SNUBBING RESISTOR
Figure 69. Frequency Response for Two Values of Output Capacitance
with a 20 Ω Snubbing Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24