| Moteur de recherche de fiches techniques de composants électroniques |
|
1069AS-150M Fiches technique(PDF) 2 Page - TOKO, Inc |
|
|
|||||||||||||||||||||||||||||
1069AS-150M Fiches technique(HTML) 2 Page - TOKO, Inc |
|
2 / 3 page ![]() Fixed Inductors for Surface Mounting 面実装 づけ 用 固定インダクタ TYPE DB3018C (High current Type 大電流タイプ, Quantity / reel; 2,000 PCS) 東光品番 インダクタンス(1) 許容差 直流抵抗(2) 直流重畳許容電流(3) 温度上昇許容電流(3) TOKO Part Number Inductance(1) (µH) Tolerance (%) DC Resistance(2) (mΩ) Max. (Typ.) Inductance Discrease Current(3) (A) Max. (Typ.) ∆ L/L=30% Temperature Rise Current(3) ∆ T=40°C (A) Max. (Typ.) 1069AS-1R0N 1.0 ± 30 45 (37) 2.10 (2.80) 2.04 (2.40) 1069AS-1R2N 1.2 ± 30 50 (41) 1.80 (2.40) 1.87 (2.20) 1069AS-1R5N 1.5 ± 30 56 (47) 1.65 (2.10) 1.69 (2.00) 1069AS-2R0N 2.0 ± 30 72 (60) 1.44 (1.90) 1.45 (1.70) 1069AS-2R4N 2.4 ± 30 80 (66) 1.31 (1.70) 1.35 (1.60) 1069AS-2R7N 2.7 ± 30 96 (80) 1.18 (1.60) 1.20 (1.40) 1069AS-3R3N 3.3 ± 30 110 (92) 1.11 (1.50) 1.03 (1.30) 1069AS-3R9N 3.9 ± 30 115 (95) 1.01 (1.40) 1.02 (1.20) 1069AS-4R3N 4.3 ± 30 126 (105) 0.97 (1.30) 1.01 (1.10) 1069AS-5R6N 5.6 ± 30 170 (140) 0.82 (1.10) 0.89 (1.00) 1069AS-6R8N 6.8 ± 30 205 (170) 0.78 (1.00) 0.76 (0.90) 1069AS-8R2N 8.2 ± 30 265 (220) 0.68 (0.90) 0.68 (0.80) 1069AS-100M 10.0 ± 20 290 (240) 0.63 (0.85) 0.62 (0.73) 1069AS-120M 12.0 ± 20 400 (330) 0.56 (0.75) 0.51 (0.60) 1069AS-150M 15.0 ± 20 545 (455) 0.50 (0.67) 0.44 (0.52) 1069AS-180M 18.0 ± 20 615 (510) 0.45 (0.60) 0.41 (0.49) 1069AS-220M 22.0 ± 20 680 (565) 0.42 (0.56) 0.40 (0.47) TYPE DB3018C (Low DC resistance Type 低直流抵抗タイプ Quantity / reel; 2,000 PCS) 東光品番 インダクタンス(1) 許容差 直流抵抗(2) 直流重畳許容電流(3) 温度上昇許容電流(3) TOKO Part Number Inductance(1) (µH) Tolerance (%) DC Resistance(2) (mΩ) Max. (Typ.) Inductance Discrease Current(3) (A) Max. (Typ.) ∆ L/L=30% Temperature Rise Current(3) ∆ T=40°C (A) Max. (Typ.) 1069BS-1R0N 1.0 ± 30 40 (33) 1.43 (1.90) 2.18 (2.60) 1069BS-1R2N 1.2 ± 30 45 (37) 1.24 (1.70) 1.98 (2.30) 1069BS-1R5N 1.5 ± 30 50 (42) 1.11 (1.50) 1.82 (2.10) 1069BS-2R0N 2.0 ± 30 55 (46) 0.99 (1.30) 1.65 (2.00) 1069BS-2R4N 2.4 ± 30 63 (52) 0.91 (1.20) 1.58 (1.90) 1069BS-2R7N 2.7 ± 30 70 (58) 0.80 (1.10) 1.52 (1.80) 1069BS-3R3N 3.3 ± 30 78 (65) 0.79 (1.00) 1.40 (1.60) 1069BS-3R9N 3.9 ± 30 95 (78) 0.69 (0.93) 1.26 (1.50) 1069BS-4R7N 4.7 ± 30 110 (90) 0.64 (0.86) 1.12 (1.30) 1069BS-5R6N 5.6 ± 30 125 (105) 0.55 (0.74) 1.02 (1.20) 1069BS-6R8N 6.8 ± 30 170 (140) 0.54 (0.72) 0.79 (0.95) 1069BS-8R2N 8.2 ± 30 185 (155) 0.45 (0.61) 0.78 (0.92) 1069BS-100M 10.0 ± 20 210 (175) 0.44 (0.59) 0.75 (0.89) 1069BS-120M 12.0 ± 20 260 (215) 0.38 (0.51) 0.65 (0.77) 1069BS-150M 15.0 ± 20 345 (285) 0.33 (0.45) 0.58 (0.70) 1069BS-180M 18.0 ± 20 450 (375) 0.31 (0.42) 0.54 (0.65) 1069BS-220M 22.0 ± 20 495 (415) 0.29 (0.40) 0.44 (0.60) 1069BS-270M 27.0 ± 20 685 (570) 0.24 (0.33) 0.38 (0.45) SELECTION GUIDE FOR STANDARD COILS (1) Inductance is measured with a LCR meter 4284A * or equvalent. Test frequency at 100kHz (2) DC Resistance is measured with a Digital Multimeter TR6871 (Advantest) or equivalent. (3) Maximum allowable DC current is that which causes a 30% inductance reduction from the initial value, coil temperature to rise by 40 ℃, whichever is smaller. ( Reference ambient temperature 20 ℃) * Agilent Technologies (1) インダクタンスはLCRメータ4284A * または同等品により測定する。 測定周波数は100kHzです。 (2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等品 により測定する。 (3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が初期 値より30%減少する直流電流値、または直流電流により、コイルの 温度が40℃上昇の何れか小さい値です。 (周囲温度20℃を基準とする。) * Agilent Technologies |