Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1069AS-4R3N Fiches technique(PDF) 2 Page - TOKO, Inc

No de pièce 1069AS-4R3N
Description  Fixed Inductors for Surface Mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKO [TOKO, Inc]
Site Internet  http://www.toko.com
Logo TOKO - TOKO, Inc

1069AS-4R3N Fiches technique(HTML) 2 Page - TOKO, Inc

  1069AS-4R3N Datasheet HTML 1Page - TOKO, Inc 1069AS-4R3N Datasheet HTML 2Page - TOKO, Inc 1069AS-4R3N Datasheet HTML 3Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fixed Inductors for Surface Mounting 面実装
づけ
用 固定インダクタ
TYPE DB3018C (High current Type 大電流タイプ, Quantity / reel; 2,000 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max. (Typ.)
Inductance
Discrease Current(3)
(A) Max. (Typ.)
∆ L/L=30%
Temperature
Rise Current(3)
∆ T=40°C
(A) Max. (Typ.)
1069AS-1R0N
1.0
± 30
45 (37)
2.10 (2.80)
2.04 (2.40)
1069AS-1R2N
1.2
± 30
50 (41)
1.80 (2.40)
1.87 (2.20)
1069AS-1R5N
1.5
± 30
56 (47)
1.65 (2.10)
1.69 (2.00)
1069AS-2R0N
2.0
± 30
72 (60)
1.44 (1.90)
1.45 (1.70)
1069AS-2R4N
2.4
± 30
80 (66)
1.31 (1.70)
1.35 (1.60)
1069AS-2R7N
2.7
± 30
96 (80)
1.18 (1.60)
1.20 (1.40)
1069AS-3R3N
3.3
± 30
110 (92)
1.11 (1.50)
1.03 (1.30)
1069AS-3R9N
3.9
± 30
115 (95)
1.01 (1.40)
1.02 (1.20)
1069AS-4R3N
4.3
± 30
126 (105)
0.97 (1.30)
1.01 (1.10)
1069AS-5R6N
5.6
± 30
170 (140)
0.82 (1.10)
0.89 (1.00)
1069AS-6R8N
6.8
± 30
205 (170)
0.78 (1.00)
0.76 (0.90)
1069AS-8R2N
8.2
± 30
265 (220)
0.68 (0.90)
0.68 (0.80)
1069AS-100M
10.0
± 20
290 (240)
0.63 (0.85)
0.62 (0.73)
1069AS-120M
12.0
± 20
400 (330)
0.56 (0.75)
0.51 (0.60)
1069AS-150M
15.0
± 20
545 (455)
0.50 (0.67)
0.44 (0.52)
1069AS-180M
18.0
± 20
615 (510)
0.45 (0.60)
0.41 (0.49)
1069AS-220M
22.0
± 20
680 (565)
0.42 (0.56)
0.40 (0.47)
TYPE DB3018C (Low DC resistance Type 低直流抵抗タイプ Quantity / reel; 2,000 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max. (Typ.)
Inductance
Discrease Current(3)
(A) Max. (Typ.)
∆ L/L=30%
Temperature
Rise Current(3)
∆ T=40°C
(A) Max. (Typ.)
1069BS-1R0N
1.0
± 30
40 (33)
1.43 (1.90)
2.18 (2.60)
1069BS-1R2N
1.2
± 30
45 (37)
1.24 (1.70)
1.98 (2.30)
1069BS-1R5N
1.5
± 30
50 (42)
1.11 (1.50)
1.82 (2.10)
1069BS-2R0N
2.0
± 30
55 (46)
0.99 (1.30)
1.65 (2.00)
1069BS-2R4N
2.4
± 30
63 (52)
0.91 (1.20)
1.58 (1.90)
1069BS-2R7N
2.7
± 30
70 (58)
0.80 (1.10)
1.52 (1.80)
1069BS-3R3N
3.3
± 30
78 (65)
0.79 (1.00)
1.40 (1.60)
1069BS-3R9N
3.9
± 30
95 (78)
0.69 (0.93)
1.26 (1.50)
1069BS-4R7N
4.7
± 30
110 (90)
0.64 (0.86)
1.12 (1.30)
1069BS-5R6N
5.6
± 30
125 (105)
0.55 (0.74)
1.02 (1.20)
1069BS-6R8N
6.8
± 30
170 (140)
0.54 (0.72)
0.79 (0.95)
1069BS-8R2N
8.2
± 30
185 (155)
0.45 (0.61)
0.78 (0.92)
1069BS-100M
10.0
± 20
210 (175)
0.44 (0.59)
0.75 (0.89)
1069BS-120M
12.0
± 20
260 (215)
0.38 (0.51)
0.65 (0.77)
1069BS-150M
15.0
± 20
345 (285)
0.33 (0.45)
0.58 (0.70)
1069BS-180M
18.0
± 20
450 (375)
0.31 (0.42)
0.54 (0.65)
1069BS-220M
22.0
± 20
495 (415)
0.29 (0.40)
0.44 (0.60)
1069BS-270M
27.0
± 20
685 (570)
0.24 (0.33)
0.38 (0.45)
SELECTION GUIDE FOR STANDARD COILS
(1) Inductance is measured with a LCR meter 4284A * or equvalent.
Test frequency at 100kHz
(2) DC Resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, coil temperature to rise
by 40
℃, whichever is smaller.
( Reference ambient temperature 20
℃)
* Agilent Technologies
(1) インダクタンスはLCRメータ4284A * または同等品により測定する。
測定周波数は100kHzです。
(2) 直流抵抗はデジタルマルチメータTR6871(Advantest)または同等品
により測定する。
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が初期
値より30%減少する直流電流値、または直流電流により、コイルの
温度が40℃上昇の何れか小さい値です。
(周囲温度20℃を基準とする。)
* Agilent Technologies



Html Pages

1 2 3